Part Number Hot Search : 
TA1126A MBJ90A IQ1205SA 10181 CS844 Z1SMA5V1 AMDL20G ZR39140
Product Description
Full Text Search
 

To Download STR-W6753 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sanken electric co., ltd. http://www.sanken-ele.co.jp/en/ STR-W6753 description the STR-W6753 is a quasi-resonant topology ic designed for smps applications. it shows lower emi noise characteristics than conventional pwm solutions, especially at greater than 2 mhz. it also provides a soft-switching mode to turn on the internal mosfet at close to zero voltage (v ds bottom point) by use of the resonant characteristic of primary inductance and a resonant capacitor. the package is a fully molded to-220, which contains the controller chip (mic) and mosfet, enabling output power up to 58 w with universal input or 120 w with a 230 vac input. the bottom-skip mode skips the first bottom of v ds and turns on the mosfet at the second bottom point, to minimize an increase of operating frequency at light output load, improving system-level efficiency over the entire load range. there are two standby modes available to reduce the input power under very light load conditions. the first is auto-standby mode, which is internally triggered by periodic sensing, and the other is a manual standby mode, which is executed by clamping the secondary output. in general applications, the manual standby mode reduces the input power further compared to auto-standby mode. the soft-start mode minimizes surge voltage and reduces power stress to the mosfet and to the secondary rectifying features and benefits ? quasi-resonant topology ic ? low emi noise and soft switching ? bottom-skip mode ? improved system efficiency over the entire output load by avoiding increase of switching frequency ? auto-standby mode ? lowers input power at very light output load condition ? avalanche-guaranteed mosfet ? improves system-level reliability and does not require v dss derating ? 650 v / 1.70 ? various protections ? improved system-level reliability quasi-resonant topology primary switching regulators typical application diagram package: 6-pin to-220 not to scale continued on the next page? +b gnd s1 p d dv cc s2 lowb gnd for erramp, sanken se series device recommended for si, sanken linear regulator ic recommended 1 1 3 3 7 7 6 6 4 4 fb rocp erramp 5 5 standby on/off standby out cx rx si a b b a STR-W6753 controller (mic) s/gnd ocp /bd ss /olp continued on the next page? 28103.31
2 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 diodes during the start-up sequence. various protections such as overvoltage, overload, overcurrent, maximum on-time protections and avalanche-energy-guaranteed mosfet secure good system- level reliability. applications include the following: ? set top box ? lcd pc monitor, lcd tv ? printer, scanner ? smps power supplies selection guide part number package STR-W6753 to-220 features and benefits (continued) description (continued) all performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, t a , of 25c, unless oth er wise stated. ? pulse-by-pulse drain overcurrent limiting ? overvoltage protection (bias winding voltage sensing), with latch ? overload protection with latch ? maximum on-time limit absolute maximum ratings at t a = 25c parameter symbol conditions rating unit drain current 1 i d peak single pulse 11.2 a maximum switching current 2 i dmax t a = ?20c to 125c 11.2 a single pulse avalanche energy 3 e as single pulse, v dd = 99 v, l = 20 mh, i lpeak = 3.6 a 145 mj input voltage for controller (mic) v cc 35 v ss/olp terminal voltage v ssolp ?0.5 to 6.0 v fb terminal inflow current i fb 10 ma fb terminal voltage v fb i fb within the limits of i fb ?0.5 to 9.0 v ocp/bd terminal voltage v ocpbd ?1.5 to 5.0 v mosfet power dissipation 4 p d1 with infinite heatsink 26.0 w without heatsink 1.3 w controller (mic) power dissipation p d2 v cc i cc 0.8 w operating internal leadframe temperature t f recommended operation temperature, see cautions ?20 to 115 c operating ambient temperature t op ?20 to 115 c storage temperature t stg ?40 to 125 c channel temperature t ch 150 c 1 refer to figure 2 2 i dmax is the drain current determined by the drive voltage of the ic and the threshold voltage, v th , of the mosfet 3 refer to figure 3 4 refer to figure 5
3 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 d s/gnd ocp/bd v cc fb r s q reg and i const ovp drive control ic reg protection latch s r q fb ocp bsd bd bottom select counter ss/olp olp delay s r q osc max on soft start burst control start stop burst control 4 + - + - + - + - + - + - 1 3 6 7 5 temperature, t f (c) safe operating area temperature derating coefficient (%) 0 20 40 60 80 100 0 20 40 60 100 80 120 drain-to-source voltage, v ds (v) drain current, i d (a) 10.00 11.2 1.00 0.10 100.00 10 100 1000 1 1 ms 0.1 ms current limit due to r ds(on) refer to figure 1 for mosfet soa temperature derating coefficient figure 1 ? mosfet safe operating area derating curve figure 2 ? mosfet safe operating area drain current versus voltage at t a = 25c, single pulse terminal list table number name description functions 1 d drain mosfet drain 2 nc clipped no connection 3 s/gnd source/ground terminal mosfet source and ground 4 vcc power supply terminal input of power supply for control circuit 5 ss/olp soft start/overload protection terminal input to set delay for overload protection and soft start operation 6 fb feedback terminal input for constant voltage control and burst (intermittent) mode oscillation control signals 7 ocp/bd overcurrent protection/bottom detection input for overcurrent detection and bottom detection signals
4 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 channel junction temperature, t j (c) e as temperature derating coefficient (%) 0 20 40 60 80 100 25 50 75 100 125 150 time, t (s) transient thermal resistance, r q jc (c/w) 0.001 0.010 0.100 1.000 10.000 100 10 10m 1m 100m 1 ambient temperature, t a (c) power dissipation, p d1 (w) 0 5 10 15 20 25 30 0 20 40 60 80 100 120 140 160 p d1 = 1.3 w at t a 25c without heatsink with infinite heatsink p d1 = 26 w at t a 25c figure 3 ? mosfet avalanche energy derating curve v dd = 99 v, l = 20 mh, i l = 3.6 a figure 4 ? transient thermal resistance figure 5 ? mosfet power dissipation versus temperature
5 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 electrical characteristics characteristic symbol test conditions min. typ. max. units electrical characteristics for controller (mic) 1 , valid at t a = 25c, v cc = 20 v, unless otherwise specified power supply start-up operation operation start voltage v cc(on) v cc = 0 20 v 16.3 18.2 19.9 v operation stop voltage v cc(off) v cc = 20 8.8 v 8.8 9.7 10.6 v circuit current in operation i cc(on) ??6ma circuit current in non-operation i cc(off) v cc = 15 v ? ? 100 a oscillation frequency f osc 19 22 25 khz soft start operation stop voltage v ssolp(ss) v ss/olp increasing 1.1 1.2 1.4 v soft start operation charging current i ssolp(ss) v ss/olp = 0 v ?710 ?550 ?390 a normal operation bottom-skip operation threshold voltage 1 v ocpbd(bs1) ?0.720 ?0.665 ?0.605 v bottom-skip operation threshold voltage 2 v ocpbd(bs2) ?0.485 ?0.435 ?0.385 v overcurrent detection threshold voltage v ocpbd(lim) v ocp/bd falling ?0.995 ?0.940 ?0.895 v ocp/bd terminal outflow current i ocpbd v ocp/bd = ?0.95 v ?250 ?100 ?40 a quasi-resonant operation threshold voltage 1 v ocpbd(th1) v ocp/bd falling 0.28 0.40 0.52 v quasi-resonant operation threshold voltage 2 v ocpbd(th2) v ocp/bd rising 0.67 0.80 0.93 v fb terminal threshold voltage v fb(off) v fb rising 1.32 1.45 1.58 v fb terminal inflow current (normal operation) i fb(on) v fb = 1.6 v 600 1000 1400 a standby operation standby operation start voltage v cc(s) v cc = 0 15 v, v fb = 1.6 v 10.3 11.1 12.1 v standby operation start voltage interval v cc(sk) v cc(sk) = v cc(s) ? v cc(off) 1.10 1.35 1.65 v standby non-operation circuit current i cc(s) v cc = 10.2 v, v fb = 1.6 v ?2056 a fb terminal inflow current, standby operation i fb(s) v cc = 10.2 v, v fb = 1.6 v ?414 a fb terminal threshold voltage, standby operation v fb(s) v cc = 15 v, v fb rising 0.55 1.10 1.50 v minimum on time t on(min) 0.5 0.8 1.2 s protection operation maximum on time t on(max) 27.5 32.5 39.0 s overload protection operation threshold voltage v ssolp(olp) 4.0 4.9 5.8 v overload protection operation charging current i ssolp(olp) v ss/olp = 2.5 v ?16 ?11 ?6 a overvoltage protection operation voltage v cc(ovp) v cc = 0 30 v 25.5 27.7 29.9 v latch circuit holding current 2 i cc(h) v cc(off) ? 0.3 v ? 45 140 a latch circuit release voltage 2 v cc(la.off) v cc = 30 6 v, ovp operating 6.0 7.2 8.5 v electrical characteristics for mosfet , valid at t a = 25c, unless otherwise specified drain-to-source breakdown voltage v dss i d = 300 a 650 ? ? v drain leakage current i dss v ds = 650 v ? ? 300 a on resistance r ds(on) i d = 1.4 a ? ? 1.7 switching time t f ? ? 400 ns thermal resistance r ch-f channel to internal frame ? ? 2.0 c/w 1 current polarity with respect to the ic: positive current indicates current sink at the terminal named, negative current indica tes source at the terminal named. 2 the latch circuit means a circuit operated ovp and olp.
6 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 package dimensions, to-220 10.0 0.2 4.2 0.2 2.8 0.2 ?3.2 0.2 2.6 0.1 (2r1) terminal dimension at case surface 5.08 0.6 0.65 +0.2 ?0.1 0.740.15 0.45 +0.2 ?0.1 16.9 0.3 10.4 0.5 5.0 0.5 7.9 0.2 4 0.2 0.5 2.8 (5.4) gate burr branding xxxxxxxx xxxxxxxx xx xx gate burr: 0.3 mm (max.) terminal core material: cu terminal treatment: ni plating and solder dip leadform: 2003 weight (approximate): 2.3 g dimensions in millimeters drawing for reference only branding codes (exact appearance at manufacturer discretion): 1st line, type: str 2nd line, subtype: w6753 3rd line, lot: ym dd where: y is the last digit of the year of manufacture m is the month ( 1 to 9, o, n, d ) dd is the 2-digit date 1234567 terminal dimensions at case surface 6p1.27 0.15 = 7.62 0.15 terminal dimension at lead tips view b 0.5 view a 0.5 leadframe plating pb-free. device composition includes high-temperature solder (pb >85%), which is exempted from the rohs directive.
7 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. cautions for storage ? ensure that storage conditions comply with the standard temperature (5c to 35c) and the standard relative humidity (around 40% to 75%); avoid storage locations that experience extreme changes in temperature or humidity. ? avoid locations where dust or harmful gases are present and avoid direct sunlight. ? reinspect for rust on leads and solderability of the products that have been stored for a long time. cautions for testing and handling when tests are carried out during inspection testing and other standard test periods, protect the products from power surges from the testing device, shorts between the product pins, and wrong connections. ensure all test parameters are within the ratings specified by sanken for the products. remarks about using silicone grease with a heatsink ? when silicone grease is used in mounting the products on a heatsink, it shall be applied evenly and thinly. if more silicone grease than required is applied, it may produce excess stress. ? volatile-type silicone greases may crack after long periods of time, resulting in reduced heat radiation effect. silicone greases with low consistency (hard grease) may cause cracks in the mold resin when screwing the products to a heatsink. our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: type suppliers g746 shin-etsu chemical co., ltd. yg6260 momentive performance materials inc. sc102 dow corning toray co., ltd. cautions for mounting to a heatsink ? when the flatness around the screw hole is insufficient, such as when mounting the products to a heatsink that has an extruded (burred) screw hole, the products can be damaged, even with a lower than recommended screw torque. for mounting the products, the mounting surface flatness should be 0.05 mm or less. ? please select suitable screws for the product shape. do not use a flat-head machine screw because of the stress to the products. self-tapping screws are not recommended. when using self-tapping screws, the screw may enter the hole diagonally, not vertically, depending on the conditions of hole before threading or the work situation. that may stress the products and may cause failures. ? recommended screw torque: 0.588 to 0.785 n m (6 to 8 kgf cm). ? for tightening screws, if a tightening tool (such as a driver) hits the products, the package may crack, and internal stress fractures may occur, which shorten the lifetime of the electrical elements and can cause catastrophic failure. tightening with an air driver makes a substantial impact. in addition, a screw torque higher than the set torque can be applied and the package may be damaged. therefore, an electric driver is recommended. when the package is tightened at two or more places, first pre-tighten with a lower torque at all places, then tighten with the specified torque. when using a power driver, torque control is mandatory. soldering ? when soldering the products, please be sure to minimize the working time, within the following limits: 2605c 101 s (flow, 2 times) 38010c 3.50.5 s (soldering iron, 1 time) ? soldering should be at a distance of at least 2.0 mm from the body of the products. electrostatic discharge ? when handling the products, the operator must be grounded. grounded wrist straps worn should have at least 1 m of resistance from the operator to ground to prevent shock hazard, and it should be placed near the operator. ? workbenches where the products are handled should be grounded and be provided with conductive table and floor mats. ? when using measuring equipment such as a curve tracer, the equipment should be grounded. ? when soldering the products, the head of soldering irons or the solder bath must be grounded in order to prevent leak voltages generated by them from being applied to the products. ? the products should always be stored and transported in sanken shipping containers or conductive containers, or be wrapped in aluminum foil.
8 sanken electric co., ltd. 28103.31 quasi-resonant topology primary switching regulators STR-W6753 ? the contents in this document are subject to changes, for improvement and other purposes, without notice. make sure that this is the latest revision of the document before use. ? application and operation examples described in this document are quoted for the sole purpose of reference for the use of the prod- ucts herein and sanken can assume no responsibility for any infringement of industrial property rights, intellectual property r ights or any other rights of sanken or any third party which may result from its use. ? although sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of se micon- ductor products at a certain rate is inevitable. users of sanken products are requested to take, at their own risk, preventativ e measures including safety design of the equipment or systems against any possible injury, death, fires or damages to the society due to device failure or malfunction. ? sanken products listed in this document are designed and intended for the use as components in general purpose electronic equ ip- ment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). when considering the use of sanken products in the applications where higher reliability is required (transportation equipment and its control systems, traffic signal control systems or equipment, fire/crime alarm systems, various safety devices, etc.), and whenever long life expectancy is required even in general purpose electronic equipment or apparatus, please contact your nearest sanken sales representative to discuss, prior to the use of the products herein. the use of sanken products without the written consent of sanken in the applications where extremely high reliability is requi red (aerospace equipment, nuclear power control systems, life support systems, etc.) is strictly prohibited. ? in the case that you use sanken products or design your products by using sanken products, the reliability largely depends on the degree of derating to be made to the rated values. derating may be interpreted as a case that an operation range is set by dera ting the load from each rated value or surge voltage or noise is considered for derating in order to assure or improve the reliability. in general, derating factors include electric stresses such as electric voltage, electric current, electric power etc., environmental stres ses such as ambient temperature, humidity etc. and thermal stress caused due to self-heating of semiconductor products. for these stress es, instantaneous values, maximum values and minimum values must be taken into consideration. in addition, it should be noted that since power devices or ic's including power devices have large self-heating value, the de gree of derating of junction temperature affects the reliability significantly. ? when using the products specified herein by either (i) combining other products or materials therewith or (ii) physically, ch emically or otherwise processing or treating the products, please duly consider all possible risks that may result from all such uses in advance and proceed therewith at your own responsibility. ? anti radioactive ray design is not considered for the products listed herein. ? sanken assumes no responsibility for any troubles, such as dropping products caused during transportation out of sanken's dis tribu- tion network. ? the contents in this document must not be transcribed or copied without sanken's written consent.


▲Up To Search▲   

 
Price & Availability of STR-W6753

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X